Part Number Hot Search : 
N6211 AD8609 TM128 COM20051 05S12 CA808 P1600 MAX16
Product Description
Full Text Search
 

To Download RAC60-12OF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powerline ac/dc-converter with 3 year warranty rac60/of cb-report ul-60950-1 certified en-60950-1 certified en-55022 certfied en-55024 certified e196683 60 watt open frame single output connector set available class ii power supply universal input voltage range compact 4 x 2 size 3kvac isolation ocp, ovp, scp standby power erp conform (<0.5w) features regulated converters selection guide part input output output voltage ajd. output efficiency max. number range voltage current range range * power typ. capacitive (vac) (vdc) (a) (v) (w) % load rac60-05s/of 90-264 5 0-10 4.8-5.2 50 80 18800f rac60-12s/of 90-264 12 0-5 11.4-12.6 60 83 18800f rac60-15s/of 90-264 15 0-4 14.2-16 60 84 12700f rac60-24s/of 90-264 24 0-2.5 23-25 60 85 4700f * refer to ?package style and pinning? input voltage range 90-264vac or 127-370vdc rated power 60 watts max. input frequency range (for ac input) 47-63hz operating frequency 65khz typ. input current (full load) 115vac 1.5a max. 230vac 1a max. inrush current (cold start) 115vac 30a typ. 230vac 60a typ. no load power consumption <0.5w start-up time (at cold first start) 115vac/230vac 500ms rise time full load <30ms hold time 115vac, full load 13ms typ. 230vac, full load 60ms typ. leakage current 240vac <0.75ma output voltage accuracy 24vdc 1% (includes line-, load-regulation and set-up tolerance) 05, 12, 15vdc 2% output ripple and noise (20mhz limited) 5vdc 80mvp-p max. 12vdc 120mvp-p max. 15vdc 150mvp-p max. (measured with 0.1f & 47f parallel capacitor) 24vdc 200mvp-p max. isolation voltage i/p to o/p 3kvac / 1 minute i/p to fg 1.5kvac / 1 minute o/p to fg 0.5kvac / 1 minute isolation resistance 500vdc 100 m short circuit protection hiccup mode, automatic restart over voltage protection 5vdc 5.75-6.5vdc 12vdc 13.5-15vdc 15vdc 16.9-18.75vdc latch mode, re-power on to recover 24vdc 27-30vdc over load protection 115-150% rated output power, hiccup mode, automatic restart continued on next page   $   
             ! "     description specifications (typical at 25c and 230vac) the rac60/of series offers compact ac/dc open frame power supplies with universal ac input (90-264vac) and fully protected dc outputs which are trimmable to compensate for voltage drops on the output connections. the power supplies are cb, ul, and ce certified and erp conform. uses include industry controls, test and measurement systems and energy efficient products. rohs 2011/65/eu 6/6 derating-graph (ambient temperature) www.recom-power.com pa-57 rev: 3/2017
rac60/of 1@4< 4/  "  '  " . ." < - % # , $ ''   '+    (<: 9= 9= rac60-xx/of series powerline ac/dc-converter specifications (typical at 25c and 230vac) package style and pinning operating temperature range full load without derating -20c to +50c with derating -20c to +70c storage temperature range -40c to +80c operation humidity non-condensing 20% - 90% rh storage humidity 10% - 90% rh vibration 10-500hz, 2g, 10 min. along x, y and z weight 145g dimensions (lxwxh) 101.6 x 50.8 x 30mm package quantity 30pcs / carton package dimensions carton (lxwxh) 325 x 270 x 220mm mtbf (using mil-hdbk-217f, 25c) >450 x 103 hours certifications: general safety report: e196683 ul-60950-1 2nd iec/en general safety report: pse103-0658 iec/en-60950-1 2nd emc conducted and radiated report: ha080035-scce en55022, class b immunity report: ha080035-scce en55024 report: ha080035-sbfd fcc, part 15, class b harmonics report: ha080035-scce en61000-3-2 en61000-3-3 en61000-4-2, 3, 4, 5, 6, 8, 11, critertia a emission report: ha080035-scce en61000-6-3 erp complies to european directive for energy related products 2004/125/ec notes note1: mounting holes a, b must be grounded for emi (filter ground) ac input connector (cn1): pin# terminal mating housing 1 ac/n wst i39606ps-2 wst p3-i39606 or equivalent or equivalent 2 ac/l note: detail information about the connectors on www.wst.com.tw dc output connector (cn2): pin# terminal mating housing 1, 2 v+ wst i39606ps-2 wst p4-i39606 or equivalent or equivalent 3, 4 v- the product information and specifications are subject to change without prior notice. recom products are not authorized for us e in safety-critical applications (such as life support) without recoms explicit written consent. a safety-critical application is defined as an applica tion where a failure of a recom product may reasonably b e expected to endanger or cause loss of life, inflict bodily harm or damage property. the buyer shall indemnify and hold harmless recom, its affiliated companies and its representatives against any damage claims in connecti on with the unauthorized use of recom products in such safety-critical applications. pa-58 www.recom-power.com rev: 3/2017 input voltage vs load 0#
 :;<    $ 5 
= : <     #  $


▲Up To Search▲   

 
Price & Availability of RAC60-12OF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X